Part Number Hot Search : 
ET21008 3329H200 5KP110C 74HC4011 102BM MGB34D 1330A TA1238A
Product Description
Full Text Search
 

To Download APSX1012SW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  powerverter aps int 1000w 12vdc 230v inverter/charger with pure sine wave output, hardwired model number: APSX1012SW description provide clean, reliable pure sine wave power for all your alternative energy needs with the tripp lite APSX1012SW. this inverter/charger supplies 1000 watts of continuous 230v ac power. reliable large transformer design and frequency control powers resistive loads like refrigerators, motors, pumps, compressors and laser printers as well as electronic loads like tvs, computers, power tool and battery chargers. the 3-stage charging system will properly charge and maintain your vehicle's battery or separate battery bank. the charge rate is selectable so you can use a variety of battery sizes , as well as multiple batteries to fit your run time requirements. features pure sine wave output continuous output inverter and high power battery charger quiet, high efficiency operation, high surge capacity and low idle current supply energy to various loads such as resistive load seamless transfer switching load sensing adjustable unlimited back up time with user supplied batteries specifications output frequency compatibility 50 hz output receptacles hardwire output (watts) 1000 highlights clean pure sine wave output 12v dc or 230v ac input; 230v, 50 hz output (hardwired) 1000 watts continuous output, 2000 watts peak output selectable 4/40 amp wet/dry cell battery charger quiet, high efficiency operation, high surge capacity and low idle current seamless transfer switching applications multipurpose inverter/charger with seamless transfer switching. uses include conversion vans, fleet service vehicles a stand alone power source for off grid alternative energy with transfer times of 8-12 milliseconds. package includes APSX1012SW inverter/charger instruction manual with warranty information 1 / 3
continuous output capacity (watts) 1000 peak output capacity (watts) 2000 output nominal voltage 230v output voltage regulation nominal 230v +/- 5% until lbw. peak coltage 360v output frequency regulation 50/60 hz (+/- 0.5 hz) overload protection includes 15a input breaker dedicated to the charging system and 15a output breaker for ac output loads pure sine wave output yes input nominal input voltage(s) supported 230v ac recommended electrical service dc input: requires 12vdc input source capable of delivering 240a for the required duration (when used at full continuous capacity - dc requirements increase during overpower and doubleboost operation). for automotive applications, professional hardwire installation with 400a minimum battery system fusing is recommended. maximum input amps / watts dc input: full continuous load - 240a at 12vdc. ac input: 17 amps at 230vac with full inverter and charger load (8.7a max charger-only / combined input load to support charger and ac output is automatically controllable to 66%-33%-0% based on ac output loading using the charger limiting set points - see manual for setting instructions) input connection type dc input: set of 2 dc bolt-down terminals. ac input: hardwire via built in junction box with cover plate voltage compatibility (vac) 230 voltage compatibility (vdc) 12 battery expandable battery runtime runtime is expandable with any number of user supplied wet or gel type batteries dc system voltage (vdc) 12 battery charge includes 4/40 amp dc charging system adjustable. expandable runtime yes user interface, alerts & controls front panel leds set of front panel led's display inverter status, charger status, as well as battery voltage status switches the inverter provides a rj-45 port for optional apsrmsw remote control. rj45 port operates with standard rj485 interface (apsrmsw sold separately) audible alarm audible status indicators 10.5v (low battery)/21v start alarm physical unit dimensions (hwd / in.) 7.25 x 8.75 x 18 unit dimensions (hwd / cm) 18.41 x 22.22 x 45.72 unit weight (lbs.) 35.5 unit weight (kg) 16 cooling method fan material of construction powder coated steel 2 / 3
receptacle color grey form factors supported mounting slots enable permanent placement of inverter on any horizontal surface (see manual for additional mounting information) environmental relative humidity 0-95% non-condensing special features remote control capability yes warranty product warranty period (u.s. & canada) 2-year limited warranty product warranty period (international) 2-year limited warranty product warranty period (mexico) 2-year limited warranty product warranty period (puerto rico) 2-year limited warranty ? 2015 tripp lite. all rights reserved. all product and company names are trademarks or registered trademarks of their respective holders. use of them does not imply any affiliation with or endorsement by them. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. tripp lite uses primary and third-party agencies to test its products for compliance with standards. see a list of tripp lite's testing agencies: http://www.tripplite.com/products/product-certification-agencies 3 / 3


▲Up To Search▲   

 
Price & Availability of APSX1012SW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X